công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 711 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 711 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 707Page - Renesas Technology Corp H8S/20203 Datasheet HTML 708Page - Renesas Technology Corp H8S/20203 Datasheet HTML 709Page - Renesas Technology Corp H8S/20203 Datasheet HTML 710Page - Renesas Technology Corp H8S/20203 Datasheet HTML 711Page - Renesas Technology Corp H8S/20203 Datasheet HTML 712Page - Renesas Technology Corp H8S/20203 Datasheet HTML 713Page - Renesas Technology Corp H8S/20203 Datasheet HTML 714Page - Renesas Technology Corp H8S/20203 Datasheet HTML 715Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 685 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
4
PM
Parity mode
(Enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.
R/W
3
STOP
Stop bit length
(Enabled only in asynchronous mode)
0: 1 stop bit
1: 2 stop bits
R/W
2
MP
Multiprocessor mode
0: The multiprocessor communication function is
disabled.
1: The multiprocessor communication function is
enabled*
2
R/W
1
0
CKS1
CKS0
Clock select 0 and 1
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/14 clock (n = 2)
11:
φ/64 clock (n = 3)
R/W
Notes: 1. The SMR value is retained when (module) standby mode is entered.
2. In clocked synchronous mode, clear this bit to 0.
• STOP bit (stop bit length)
Selects the stop bit length in transmission. For reception, only the first stop bit is checked,
regardless of the value in the bit. If the second stop bit is 0, it is treated as the start bit of the
next transmit character.
• MP bit (multiprocessor mode)
When this bit is set to 1, the multiprocessor communication function is enabled. The PE bit
and PM bit settings are invalid in multiprocessor mode.
• CKS1 bit and CKS0 bit (clock select 1, 0)
These bits select the clock source for the baud rate generator.
For the relationship between the bit rate register setting and the baud rate, see section 20.2.8,
Bit Rate Register (BRR). n is the decimal representation of the value of n in BRR (see section
20.2.8, Bit Rate Register (BRR)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com