công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 709 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 709 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 705Page - Renesas Technology Corp H8S/20203 Datasheet HTML 706Page - Renesas Technology Corp H8S/20203 Datasheet HTML 707Page - Renesas Technology Corp H8S/20203 Datasheet HTML 708Page - Renesas Technology Corp H8S/20203 Datasheet HTML 709Page - Renesas Technology Corp H8S/20203 Datasheet HTML 710Page - Renesas Technology Corp H8S/20203 Datasheet HTML 711Page - Renesas Technology Corp H8S/20203 Datasheet HTML 712Page - Renesas Technology Corp H8S/20203 Datasheet HTML 713Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 683 of 962
REJ09B0465-0100
20.2.1
Receive Shift Register (RSR)
Address:
Bit:
Value after reset:
b7
b6
b5
b4
b3
b2
b1
b0
RSR is a shift register that is used to receive serial data input from the RXD pin and convert it into
parallel data. When one frame of data has been received, it is transferred to RDR automatically.
RSR cannot be directly accessed by the CPU.
20.2.2
Receive Data Register (RDR)
Address:
Bit:
Value after reset:
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
H'FF0555, H'FF055D, H'FF0565
RDR is an 8-bit register that stores received data. When the SCI3 has received one frame of data,
it transfers the received data from RSR to RDR, where it is stored. After this, RSR is receive-
enabled. As RSR and RDR function as a double buffer in this way, continuous receive operations
are possible. After confirming that the RDRF bit in SSR is set to 1, read RDR only once. RDR
cannot be written to by the CPU. RDR is initialized to H'00.
20.2.3
Transmit Shift Register (TSR)
Address:
Bit:
Value after reset:
b7
b6
b5
b4
b3
b2
b1
b0
TSR is a shift register that transmits serial data. To perform serial data transmission, the SCI3 first
transfers transmit data from TDR to TSR automatically, then sends the data that starts from the
LSB to the TXD pin
. TSR cannot be directly accessed by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com