công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 919 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 919 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 915Page - Renesas Technology Corp H8S/20103 Datasheet HTML 916Page - Renesas Technology Corp H8S/20103 Datasheet HTML 917Page - Renesas Technology Corp H8S/20103 Datasheet HTML 918Page - Renesas Technology Corp H8S/20103 Datasheet HTML 919Page - Renesas Technology Corp H8S/20103 Datasheet HTML 920Page - Renesas Technology Corp H8S/20103 Datasheet HTML 921Page - Renesas Technology Corp H8S/20103 Datasheet HTML 922Page - Renesas Technology Corp H8S/20103 Datasheet HTML 923Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 919 / 992 page
background image
Section 27 List of Registers
Rev. 1.00 Oct. 03, 2008 Page 893 of 962
REJ09B0465-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data Bus
Width
Number of
Access
States
Low-voltage detection circuit
control protect register
VDCPR
8
H'FF0628
Low-
voltage-
detection
circuit
8
2
High-speed OCO control register
HOCR
8
H'FF062A
8
2
High-speed OCO trimming data
protect register
HOTRMDPR
8
H'FF062B
8
2
High-speed OCO trimming data
register 1
HOTRMDR1
8
H'FF062C
16*
3
2
High-speed OCO trimming data
register 2
HOTRMDR2
8
H'FF062D
16*
3
2
High-speed OCO trimming data
register 3
HOTRMDR3
8
H'FF062E
16*
3
2
High-speed OCO trimming data
register 4
HOTRMDR4
8
H'FF062F
Clock
oscillator
16*
3
2
Timer RG counter
TRGCNT
16
H'FF0640
Timer RG
16*
2
2
General register A
GRA
16
H'FF0642
Timer RG
16*
2
2
General register B
GRB
16
H'FF0644
Timer RG
16*
2
2
Timer RG mode register
TRGMDR
8
H'FF0646
Timer RG
8
2
Timer RG counter control register
TRGCNTCR
8
H'FF0647
Timer RG
8
2
Timer RG control register
TRGCR
8
H'FF0648
Timer RG
8
2
Timer RG I/O control register
TRGIOR
8
H'FF0649
Timer RG
8
2
Timer RG status register
TRGSR
8
H'FF064A
Timer RG
8
2
Timer RG interrupt enable register TRGIER
8
H'FF064B
Timer RG
8
2
GRA buffer register
BRA
16
H'FF064C
Timer RG
16*
2
2
GRB buffer register
BRB
16
H'FF064E
Timer RG
16*
2
2
Flash memory control register 1
FLMCR1
8
H'FF0660
FLASH
8
2
Flash memory control register 2
FLMCR2
8
H'FF0661
FLASH
8
2
Flash memory data flash protect
register
DFPR
8
H'FF0662
FLASH
8
2
Flash memory status register
FLMSTR
8
H'FF0663
FLASH
8
2
Event link setting register 0
ELSR0
8
H'FF0680
ELC
8
2
Event link setting register 1
ELSR1
8
H'FF0681
ELC
8
2
Event link setting register 2*
5
ELSR2
8
H'FF0682
ELC
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com