công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 910 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 910 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 906Page - Renesas Technology Corp H8S/20103 Datasheet HTML 907Page - Renesas Technology Corp H8S/20103 Datasheet HTML 908Page - Renesas Technology Corp H8S/20103 Datasheet HTML 909Page - Renesas Technology Corp H8S/20103 Datasheet HTML 910Page - Renesas Technology Corp H8S/20103 Datasheet HTML 911Page - Renesas Technology Corp H8S/20103 Datasheet HTML 912Page - Renesas Technology Corp H8S/20103 Datasheet HTML 913Page - Renesas Technology Corp H8S/20103 Datasheet HTML 914Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 992 page
background image
Section 27 List of Registers
Rev. 1.00 Oct. 03, 2008 Page 884 of 962
REJ09B0465-0100
27.1
Register Addresses (Address Order)
The data-bus width column indicates the number of bits. The access-state column shows the
number of states of the selected basic clock that is required for access to the register.
Note:
Do not attempt to access undefined or reserved addresses. Correct operation of the access
itself or later operations is not guaranteed when such an address is accessed.
Register Name
Abbreviation
Number
of Bits
Address
Module
Data Bus
Width
Number of
Access
States
Port mode register 1
PMR1
8
H'FF0000
I/O port
8
2
Port mode register 2
PMR2
8
H'FF0001
I/O port
8
2
Port mode register 3
PMR3
8
H'FF0002
I/O port
8
2
Port mode register 5
PMR5
8
H'FF0004
I/O port
8
2
Port mode register 6
PMR6
8
H'FF0005
I/O port
8
2
Port mode register 8
PMR8
8
H'FF0007
I/O port
8
2
Port mode register 9*
1
PMR9
8
H'FF0008
I/O port
8
2
Port mode register A
PMRA
8
H'FF0009
I/O port
8
2
IIC/SSU select register
ICSUSR
8
H'FF000B
IIC/SSU
8
2
Port mode register J
PMRJ
8
H'FF000C
I/O port
8
2
Port pull-up control register 1
PUCR1
8
H'FF0010
I/O port
8
2
Port pull-up control register 2
PUCR2
8
H'FF0011
I/O port
8
2
Port pull-up control register 3
PUCR3
8
H'FF0012
I/O port
8
2
Port pull-up control register 5
PUCR5
8
H'FF0014
I/O port
8
2
Port pull-up control register 6
PUCR6
8
H'FF0015
I/O port
8
2
Port pull-up control register 8
PUCR8
8
H'FF0017
I/O port
8
2
Port pull-up control register 9*
1
PUCR9
8
H'FF0018
I/O port
8
2
Port pull-up control register A
PUCRA
8
H'FF0019
I/O port
8
2
Port pull-up control register B
PUCRB
8
H'FF001A
I/O port
8
2
Port pull-up control register J
PUCRJ
8
H'FF001C
I/O port
8
2
Port drive control register 1
PDVR1
8
H'FF0030
I/O port
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com