công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 883 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 883 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 879Page - Renesas Technology Corp H8S/20103 Datasheet HTML 880Page - Renesas Technology Corp H8S/20103 Datasheet HTML 881Page - Renesas Technology Corp H8S/20103 Datasheet HTML 882Page - Renesas Technology Corp H8S/20103 Datasheet HTML 883Page - Renesas Technology Corp H8S/20103 Datasheet HTML 884Page - Renesas Technology Corp H8S/20103 Datasheet HTML 885Page - Renesas Technology Corp H8S/20103 Datasheet HTML 886Page - Renesas Technology Corp H8S/20103 Datasheet HTML 887Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 992 page
background image
Section 26 Low-Voltage Detection Circuits
Rev. 1.00 Oct. 03, 2008 Page 857 of 962
REJ09B0465-0100
Section 26 Low-Voltage Detection Circuits
This microcontroller includes a low-voltage detection module consisting of three circuits, LVD0,
LVD1, and LVD2.
The circuits are used to prevent abnormal operation (runaway execution) from occurring due to
the power supply voltage falling and to recreate the state of the microcontroller before the power
supply voltage fell when the power supply voltage rises again.
If the power supply voltage falls below a threshold voltage set by the users application, a warning
can be given to the application so the application can shutdown in a controlled manner. If the
power supply voltage continues to fall below a second programmable threshold voltage, the device
can be safely placed in the reset state. This avoids the situation where the power supply voltage
falls below the guaranteed operating voltage and the microcontroller enters an unstable state.
Thus, system stability can be improved. If the power supply voltage rises again, active mode is
automatically entered.
The circuits monitor the power-supply voltage, and generate a reset or an interrupt when the
voltage falls below or rises above a specified value.
Figure 26.1 is a block diagram of the low-voltage detection circuits. Figures 26.2, 26.3, and 26.4
are block diagrams of the LVD2, LVD1 and LVD0 interrupt/reset generation circuits,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com