| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/20103 bảng dữ liệu(PDF) 784 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20103 bảng dữ liệu(HTML) 784 Page - Renesas Technology Corp |
|
784 / 992 page ![]() Section 21 I 2C Bus Interface 2 (IIC2) Rev. 1.00 Oct. 03, 2008 Page 758 of 962 REJ09B0465-0100 (3) Receive Operation In receive mode, data is latched at the rise of the transfer clock. The transfer clock is output when MST in ICCR1 is 1 and is input when MST is 0. For receive mode operation timing, see figure 21.15. The reception procedure and operations in receive mode are described below. 1. Set the ICE bit in ICCR1 to 1. Set the MST and CKS3 to CKS0 bits in ICCR1 to 1 (Initial setting). 2. When the transfer clock is output, set MST to 1 to start outputting the receive clock. 3. When the receive operation is completed, data is transferred from ICDRS to ICDRR and RDRF in ICSR is set. When MST = 1, the next byte can be received, so the clock is continually output. The continuous reception is performed by reading ICDRR every time RDRF is set. When the 8th clock is risen while RDRF is set to 1, the overrun is detected and AL/OVE in ICSR is set. At this time, the previous reception data is retained in ICDRR. 4. To stop receiving when MST = 1, read ICDRR after setting RCVD in ICCR1 to 1. Then, SCL is fixed high after receiving the next byte data. 12 7 8 1 7 8 1 2 SCL MST TRS RDRF ICDRS ICDRR SDA (Input) Bit 0 Bit 6 Bit 7 Bit 0 Bit 6 Bit 7 Bit 0 Bit 1 Bit 1 User processing Data 1 Data 1 Data 2 Data 2 Data 3 [2] Set MST (when outputting the clock) [3] Read ICDRR [3] Read ICDRR Figure 21.15 Receive Mode Operation Timing |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |