công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 743 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 743 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 739Page - Renesas Technology Corp H8S/20103 Datasheet HTML 740Page - Renesas Technology Corp H8S/20103 Datasheet HTML 741Page - Renesas Technology Corp H8S/20103 Datasheet HTML 742Page - Renesas Technology Corp H8S/20103 Datasheet HTML 743Page - Renesas Technology Corp H8S/20103 Datasheet HTML 744Page - Renesas Technology Corp H8S/20103 Datasheet HTML 745Page - Renesas Technology Corp H8S/20103 Datasheet HTML 746Page - Renesas Technology Corp H8S/20103 Datasheet HTML 747Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 717 of 962
REJ09B0465-0100
Yes
<End>
No
Start reception
No
Yes
[4]
Clear RE bit in SCR3 to 0
Receive error processing
(Continued on
next page)
[5]
Yes
No
FER+OER = 1
RDRF = 1
Is data reception continued?
Set MPIE bit in SCR3 to 1
[1]
[2]
Read OER and FER flags in SSR
Read RDRF flag in SSR
[3]
Read receive data in RDR
No
Yes
[A]
This station’s ID?
Read OER and FER flags in SSR
Yes
No
Read RDRF flag in SSR
No
Yes
FER+OER = 1
Read receive data in RDR
RDRF = 1
[1]
Set the MPIE bit in SCR3 to 1.
[2]
Read OER and FER in SSR to check for
errors. Receive error processing is performed
in cases where a receive error occurs.
[3]
Read SSR and check that the RDRF flag is
set to 1, then read the receive data in RDR
and compare it with this station’s ID.
If the data is not this station’s ID, set the MPIE
bit to 1 again.
When data is read from RDR, the RDRF flag
is automatically cleared to 0.
[4]
Read SSR and check that the RDRF flag is
set to 1, then read the data in RDR.
[5]
If a receive error occurs, read the OER and
FER flags in SSR to identify the error. After
performing the appropriate error processing,
ensure that the OER and FER flags are all
cleared to 0.
Reception cannot be resumed if either of
these flags is set to 1.
In the case of a framing error, a break can be
detected by reading the RxD pin value.
Figure 20.17 Sample Flowchart for Multiprocessor Data Reception (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com