công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 693 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 693 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 689Page - Renesas Technology Corp H8S/20103 Datasheet HTML 690Page - Renesas Technology Corp H8S/20103 Datasheet HTML 691Page - Renesas Technology Corp H8S/20103 Datasheet HTML 692Page - Renesas Technology Corp H8S/20103 Datasheet HTML 693Page - Renesas Technology Corp H8S/20103 Datasheet HTML 694Page - Renesas Technology Corp H8S/20103 Datasheet HTML 695Page - Renesas Technology Corp H8S/20103 Datasheet HTML 696Page - Renesas Technology Corp H8S/20103 Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 992 page
background image
Section 19 Watchdog Timer (WDT)
Rev. 1.00 Oct. 03, 2008 Page 667 of 962
REJ09B0465-0100
19.2
Register Descriptions
The watchdog timer has the following registers.
• Timer control/status register WD (TCSRWD)
• Timer counter WD (TCWD)
• Timer mode register WD (TMWD)
• Timer interrupt control/status register WD (TICRWD)
• Timer interrupt flag register WD (TIFRWD)
19.2.1
Timer Control/Status Register WD (TCSRWD)
Address:
Bit:
Value after reset:
b7
B6WI
1
b6
TCWE
0
b5
B4WI
1
b4
TCSRWE
0
b3
TMWLOCK
0
b2
TMWI
1
b1
1
b0
1
H'FFFF9A
Bit
Symbol
Bit Name
Description
R/W
7
B6WI
Bit 6 write
inhibit
0: Writing to the TCWE bit (bit 6 in this register) is
enabled.
1: Writing to the TCWE bit (bit 6 in this register) is
disabled.
This bit is always read as 1.
R/W
6
TCWE
Timer counter
WD write
enable
0: Writing to the TCWD register is disabled.
1: Writing to the TCWD register is enabled.
Before writing data to this bit, the B6WI bit must be
cleared to 0.
R/W
5
B4WI
Bit 4 write
inhibit
0: Writing to the TCSRWE bit (bit 4) is enabled.
1: Writing to the TCSRWE bit (bit 4) is disabled.
This bit is always read as 1.
R/W
4
TCSRWE
Timer
control/status
register WD
write enable
0: Writing to TMWLOCK and TMWI (bits 3 and 2 in this
register) is disabled.
1: 0: Writing to TMWLOCK and TMWI (bits 3 and 2 in this
register) is enabled.
Before writing data to this bit, the B4WI bit must be
cleared to 0.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com