công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 688 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 688 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 684Page - Renesas Technology Corp H8S/20103 Datasheet HTML 685Page - Renesas Technology Corp H8S/20103 Datasheet HTML 686Page - Renesas Technology Corp H8S/20103 Datasheet HTML 687Page - Renesas Technology Corp H8S/20103 Datasheet HTML 688Page - Renesas Technology Corp H8S/20103 Datasheet HTML 689Page - Renesas Technology Corp H8S/20103 Datasheet HTML 690Page - Renesas Technology Corp H8S/20103 Datasheet HTML 691Page - Renesas Technology Corp H8S/20103 Datasheet HTML 692Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 662 of 962
REJ09B0465-0100
18.3.6
Digital Filtering Function for Input Capture Inputs
Input signals on the TGIOA and TGIOB pins can be input via the digital filters. The digital filter
includes three latches connected in series and a matching detecting circuit. The input signals on
the TGIOA and TGIOB pins are operated on the sampling clock specified by the DFCK1 and
DFCK0 bits in TRGMDR. When outputs of the three latches match, the matching detecting circuit
outputs the signal level of the input. Otherwise, the output remains unchanged. That is, when a
pulse width is equal to or greater than three sampling clock cycles, the pulse is input as a signal.
When a pulse width is less than three sampling clock cycles, the pulse is considered as a noise to
be removed.
φ40
φ/32
φ/8
φ/4
φ/2
φ
φ, φ40
TPSC2 to
TPSC0
DFCK1 and
DFCK0
DFA and DFB
IOA[1:0] and
IOB[1:0]
Sampling clock
φ/32
φ/8
φ
Matching
detecting
circuit
Selecter
Edge
detecting
circuit
Sampling clock
TGIOA and TGIOB
input signal
C
Latch
DQ
C
Latch
DQ
C
Latch
DQ
C
Latch
D
Q
TGIOA and TGIOB
input signals
Digital-filtered signal
Cycle of a clock specified
by TPSC2 to TPSC0
or DFCK1 and DFCK0
Signal change is not output unless
signal levels match three times.
Signal propagation delay:
5 sampling clocks
C
Latch
D
Q
TCLKB
TCLKA
Figure 18.22 Block Diagram of Digital Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com