công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 675 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 675 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 671Page - Renesas Technology Corp H8S/20103 Datasheet HTML 672Page - Renesas Technology Corp H8S/20103 Datasheet HTML 673Page - Renesas Technology Corp H8S/20103 Datasheet HTML 674Page - Renesas Technology Corp H8S/20103 Datasheet HTML 675Page - Renesas Technology Corp H8S/20103 Datasheet HTML 676Page - Renesas Technology Corp H8S/20103 Datasheet HTML 677Page - Renesas Technology Corp H8S/20103 Datasheet HTML 678Page - Renesas Technology Corp H8S/20103 Datasheet HTML 679Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 649 of 962
REJ09B0465-0100
(1) Example of PWM Mode Setting Procedure
Figure 18.9 shows an example of the PWM mode setting procedure.
Select counter clock
PWM mode
Select counter clearing source
Set GRA
<PWM mode>
[1]
[2]
[3]
Set GRB
[4]
Set PWM mode
[5]
Start counting
[6]
[1] Select the counter clock with bits TPSC2 to
TPSC0 in TRGCR. When an external clock is
selected, select the external clock edge with bits
CKEG1 and CKEG0 in TRGCR.
[2] Use bits CCLR1 and CCLR0 in TRGCR to
select the counter clearing source.
[3] Set the 1-output timing for the output PWM
waveform with GRA.
[4] Set the 0-output timing for the output PWM
waveform with GRB.
[5] Select the PWM mode with the PWM bit in
TRGMDR. When PWM mode is set, GRA and
GRB are used as output compare registers for
setting 1-output/0-output for PWM output
waveform, regardless of the TRGIOR setting.
At this time, the TGIOA pin is automatically
designated as a PWM output pin and the TGIOB
pin is used as a general I/O for the relevant port.
[6] Set the STR bit in TRGMDR to 1 to start the
count operation.
Figure 18.9 Example of PWM Mode Setting Procedure
(2) Examples of PWM Mode Operation
Figure 18.10 shows examples of PWM mode operation.
When PWM mode is set, the TGIOA pin is automatically set as an output pin. The TGIOA pin
outputs 1 on a GRA compare match and outputs 0 on a GRB compare match. The TGIOB pin
always functions as an I/O pin for the relevant port.
In the examples shown in the figure, GRA and GRB compare matches are set as the TRGCNT
clearing source. The initial value of TGIOA differs according to the counter clearing source. The
correspondence between counter clearing sources and initial values is shown in table 18.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com