công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 605 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 605 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 601Page - Renesas Technology Corp H8S/20103 Datasheet HTML 602Page - Renesas Technology Corp H8S/20103 Datasheet HTML 603Page - Renesas Technology Corp H8S/20103 Datasheet HTML 604Page - Renesas Technology Corp H8S/20103 Datasheet HTML 605Page - Renesas Technology Corp H8S/20103 Datasheet HTML 606Page - Renesas Technology Corp H8S/20103 Datasheet HTML 607Page - Renesas Technology Corp H8S/20103 Datasheet HTML 608Page - Renesas Technology Corp H8S/20103 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 579 of 962
REJ09B0465-0100
Figures 16.48 and 16.49 show the operation examples when buffer operation has been designated
for GRB_0 and GRD_0 in complementary PWM mode. These are examples when a PWM
waveform of 0% duty is created by using the buffer operation and performing GRD_0
≥ GRA_0.
Data is transferred from GRD_0 to GRB_0 according to the settings of CMD0 and CMD1 when
TRDCNT_0 and GRA_0 are compared and their contents match or when TRDCNT_1 underflows.
However, when GRD_0
≥ GRA_0, data is transferred from GRD_0 to GRB_0 when TRDCNT_1
underflows regardless of the setting of CMD0 and CMD1. When GRD_0 = H'0000, data is
transferred from GRD_0 to GRB_0 when TRDCNT_0 and GRA_0 are compared and their
contents match regardless of the settings of CMD0 and CMD1.
GRA_0
H'0000
H'0999
FTIOB0
FTIOD0
TRDCNT_0
TRDCNT values
Time
GRB_0 (When restored, data will be transferred
to the saved location regardless of the
CMD1 and CMD0 values)
TRDCNT_1
H'0999
H'0999
H'0999
H'0999
H'1FFF
H'0999
GRD_0
H'1FFF
GRB_0
Figure 16.48 Buffer Operation (3)
(Buffer Operation in Complementary PWM Mode CMD1 = CMD0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com