công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 593 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 593 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 589Page - Renesas Technology Corp H8S/20103 Datasheet HTML 590Page - Renesas Technology Corp H8S/20103 Datasheet HTML 591Page - Renesas Technology Corp H8S/20103 Datasheet HTML 592Page - Renesas Technology Corp H8S/20103 Datasheet HTML 593Page - Renesas Technology Corp H8S/20103 Datasheet HTML 594Page - Renesas Technology Corp H8S/20103 Datasheet HTML 595Page - Renesas Technology Corp H8S/20103 Datasheet HTML 596Page - Renesas Technology Corp H8S/20103 Datasheet HTML 597Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 567 of 962
REJ09B0465-0100
16.3.8
PWM3 Mode Operation
In PWM3 mode, single-phase PWM waveforms can be output using TRDCNT_0. The waveform
does not overlap its counter-phase waveform.
When the PWM3 mode is selected, the FTIOA0 and FTIOB0 pins are automatically set to output
pins for the PWM function using TRDCNT_0 regardless of the TRDPMR value. The waveform is
output on a GRA_0, GRA_1, GRB_0, or GRB_1 compare match according to bits TOA0 and
TOB0 in TRDOCR regardless of the TRDIORA and TRDIORC settings.
• When TOA0 = 0, 1 is output on a compare match of GRA_1 and 0 is output on a compare
match of GRA_0 on the FTIOA0 pin.
• When TOA0 = 1, 0 is output on a compare match of GRA_1 and 1 is output on a compare
match of GRA_0 on the FTIOA0 pin.
• When TOB0 = 0, 1 is output on a compare match of GRB_1 and 0 is output on a compare
match of GRB_0 on the FTIOB0 pin.
• When TOB0 = 1, 0 is output on a compare match of GRB_1 and 1 is output on a compare
match of GRB_0 on the FTIOB0 pin.
Table 16.9 lists the correspondence between pin functions and GR registers, figure 16.35 shows a
block diagram in PWM3 mode, and figure 16.36 shows a flowchart of setting in PWM3 mode.
When the buffer operation is used, set TRDMDR. The timer input/output pins, which are not used
in PWM3 mode, can be used as general port pins. When the buffer operation is not set, since GRC
or GRD is not used, a compare match interrupt can be generated when GRC or GRD matches with
TRDCNT_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com