| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/20103 bảng dữ liệu(PDF) 588 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20103 bảng dữ liệu(HTML) 588 Page - Renesas Technology Corp |
|
588 / 992 page ![]() Section 16 Timer RD Rev. 1.00 Oct. 03, 2008 Page 562 of 962 REJ09B0465-0100 [1] Clear bits STR0 and STR1 in TRDSTR to 0, and stop the counter operation of TRDCNT_0. Stop TRDCNT_0 and TRDCNT_1 and set complementary PWM mode. [2] Use bits TPSC2 to TPSC0 in TRDCR to select the same counter clock for channels 0 and 1. When an external clock is selected, select the edge of the external clock by bits CKEG1 and CKEG0 in TRDCR. Set bits CCLR2 to CCLR0 in TRDCR so that the counter is not cleared. [3] Use bits CMD1 and CMD0 in TRDFCR to set complementary PWM mode. FTIOB0 to FTIOD0 and FTIOA1 to FTIOD1 automatically become PWM output pins. [4] TRDCNT_1 must be H'0000. Set a non- overlapped period to TRDCNT_0. [5] GRA_0 is a cycle register. Set the cycle to GRA_0. Set the timing to change the PWM output waveform to GRB_0, GRA_1, and GRB_1. The settings must be set so that a compare match occurs on TRDCNT_0 and TRDCNT_1. T ≤ X (X: Initial value in GRB_0, GRA_1, or GRB_1). [6] Use TRDOER1 to enable or disable the timer output. [7] Set the STR0 and STR1 bits in TRDSTR to 1 to start the count operation. [1] Complementary PWM mode Stop counter operation Note: To modify the settings for the complementary PWM mode, clear settings other than those for the mode. After that, repeat setting from step [1]. [2] [3] Select counter clock [4] Set complementary PWM mode [5] <Complementary PWM mode> [6] Set TCNT [7] Set GR Enable waveform output Start counter operation Figure 16.29 Example of Complementary PWM Mode Setting Procedure (1) Canceling Procedure of Complementary PWM Mode Figure 16.30 shows the complementary PWM mode canceling procedure. [1] Clear bit CMD1 in TRDFCR to 0, and set channels 0 and 1 to normal operation. [2] After setting channels 0 and 1 to normal operation, clear bits STR0 and STR1 in TRDSTR to 0 and stop TRDCNT_0 and TRDCNT_1. [1] [2] Complementary PWM mode Stop counter operation Cancel complementary PWM mode <Normal operation> Figure 16.30 Canceling Procedure of Complementary PWM Mode |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |