công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 558 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 558 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 554Page - Renesas Technology Corp H8S/20103 Datasheet HTML 555Page - Renesas Technology Corp H8S/20103 Datasheet HTML 556Page - Renesas Technology Corp H8S/20103 Datasheet HTML 557Page - Renesas Technology Corp H8S/20103 Datasheet HTML 558Page - Renesas Technology Corp H8S/20103 Datasheet HTML 559Page - Renesas Technology Corp H8S/20103 Datasheet HTML 560Page - Renesas Technology Corp H8S/20103 Datasheet HTML 561Page - Renesas Technology Corp H8S/20103 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 532 of 962
REJ09B0465-0100
16.3
Operation
Timer RD has the following operating modes.
• Timer mode operation
Enables output compare and input capture functions by setting the IOA2 to IOA0 and IOB2 to
IOB0 bits in TRDIORA and the IOC3 to IOC0 and IOD3 to IOD0 bits in TRDIORC
• PWM mode operation
Enables PWM mode operation by setting TRDPMR
• PWM3 mode operation
Enables PWM3 mode operation by setting the PWM3 bit in TRDFCR
• Reset synchronous PWM mode operation
Enables reset synchronous PWM mode operation by setting the CMD1 and CMD0 bits in
TRDFCR
• Complementary PWM mode operation
Enables complementary PWM mode operation by setting the CMD1 and CMD0 bits in
TRDFCR
The following tables show the operating modes of the FTIOA0 to FTIOD0 and FTIOA1 to
FTIOD1 pins set by the appropriate bits in the registers mentioned above. Set 1 to the PMR bits
corresponding to the pins allocated by the PMC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com