công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 553 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 553 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 549Page - Renesas Technology Corp H8S/20103 Datasheet HTML 550Page - Renesas Technology Corp H8S/20103 Datasheet HTML 551Page - Renesas Technology Corp H8S/20103 Datasheet HTML 552Page - Renesas Technology Corp H8S/20103 Datasheet HTML 553Page - Renesas Technology Corp H8S/20103 Datasheet HTML 554Page - Renesas Technology Corp H8S/20103 Datasheet HTML 555Page - Renesas Technology Corp H8S/20103 Datasheet HTML 556Page - Renesas Technology Corp H8S/20103 Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 527 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
0
IMFA
Input capture/
compare
match flag A
[Setting conditions]
• When TRDCNT = GRA and GRA is functioning
as output compare register
• When TRDCNT = GRA in PWM mode, PWM3
mode, reset synchronous PWM mode, or
complementary PWM mode (in reset
synchronous PWM mode, however, while
TRDCNT_0 = GRA_1 and TRDCNT_0 = GRA_0)
• When TRDCNT value is transferred to GRA by
input capture signal and GRA is functioning as
input capture register
[Clearing conditions]
• When the DTC is activated by an IMFA interrupt
and the DISEL bit in MRB of the DTC is 0
• When 0 is written to IMFA after reading IMFA = 1
R/W
Note:
*
Bit 5 is not the UDF flag in TRDSR_0. It is a reserved bit. It is always read as 1.
TRDSR is each interrupt request flag of the timer RD. If an interrupt is enabled by a
corresponding bit in TRDIER, TRDSR requests an interrupt for the CPU. Timer RD has two
TRDSR registers, one for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com