công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 548 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 548 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 544Page - Renesas Technology Corp H8S/20103 Datasheet HTML 545Page - Renesas Technology Corp H8S/20103 Datasheet HTML 546Page - Renesas Technology Corp H8S/20103 Datasheet HTML 547Page - Renesas Technology Corp H8S/20103 Datasheet HTML 548Page - Renesas Technology Corp H8S/20103 Datasheet HTML 549Page - Renesas Technology Corp H8S/20103 Datasheet HTML 550Page - Renesas Technology Corp H8S/20103 Datasheet HTML 551Page - Renesas Technology Corp H8S/20103 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 522 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
3
Reserved
This bit is read as 1. The write value should be 1.
2
IOA2
I/O control A2 Selects the GRA function.
0: GRA functions as an output compare register
1: GRA functions as an input capture register
R/W
1, 0
IOA[1:0]
I/O control A1
and A0
When IOA2 = 0,
00: No output at compare match
01: 0 output to the FTIOA pin at GRA compare
match
10: 1 output to the FTIOA pin at GRA compare
match
11: Output toggles to the FTIOA pin at GRA compare
match
When IOA2 = 1,
00: Input capture to GRA at rising edge at the FTIOA
pin
01: Input capture to GRA at falling edge at the FTIOA
pin
1X: Input capture to GRA at rising and falling edges
at the FTIOA pin
R/W
[Legend]
X:
Don't care.
Notes: 1. When a GR register functions as a buffer register for a paired GR register, the settings
in the IOA2 and IOB2 bits in TRDIORA and the IOC2 and IOD2 bits in TRDIORC of
both registers should be the same. The IOA3 bit exists only in TRDIORA_0.
2. In PWM mode, PWM3 mode, complementary PWM mode, and reset synchronous
PWM mode, the settings of TRDIORA are invalid.
TRDIORA selects whether GRA or GRB is used as an output compare register or an input capture
register. When an output compare register is selected, the output setting is selected. When an input
capture register is selected, an input edge of an input capture signal is selected. TRDIORA also
selects the function of FTIOA or FTIOB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com