công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 517 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 517 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 513Page - Renesas Technology Corp H8S/20103 Datasheet HTML 514Page - Renesas Technology Corp H8S/20103 Datasheet HTML 515Page - Renesas Technology Corp H8S/20103 Datasheet HTML 516Page - Renesas Technology Corp H8S/20103 Datasheet HTML 517Page - Renesas Technology Corp H8S/20103 Datasheet HTML 518Page - Renesas Technology Corp H8S/20103 Datasheet HTML 519Page - Renesas Technology Corp H8S/20103 Datasheet HTML 520Page - Renesas Technology Corp H8S/20103 Datasheet HTML 521Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 517 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 491 of 962
REJ09B0465-0100
15.5
Usage Notes
The following types of contention or operation can occur in timer RC operation.
1. When the digital filtering function for input is not in use, the pulse width of the input clock
signal and the input capture signal must be at least three system clock (
φ) cycles when the
CKS2 to CKS0 bits in TRCCR1 = B'0XX or B'10X, and at least 3
× φ40 cycles for B'110;
shorter pulses will not be detected correctly.
2. Writing to registers is performed in the T2 state of a TRCCNT write cycle.
If counter clear signal occurs in the T2 state of a TRCCNT write cycle, clearing of the counter
takes priority and the write is not performed, as shown in figure 15.37. If the TRCCNT write
cycle contends with the TRCCNT counting-up, writing takes precedence.
3. TRCCNT may erroneously count up depends on the timing of switching internal clocks. The
count clock is generated by detecting the rising edge of the divided system clock (
φ) when the
internal clock is selected. If clocks are switched as shown in figure 15.38, the change from the
low level of the previous clock to the high level of the new clock is considered as the rising
edge. In this case, TRCCNT counts up the clock erroneously.
4. If timer RC enters the module standby mode while an interrupt is being requested, the interrupt
request cannot be cleared. Before entering the module standby mode, disable interrupt
requests.
Counter clear
signal
Write signal
Address
φ
TRCCNT address
TRCCNT
TRCCNT write cycle
T1
T2
N
H'0000
Figure 15.37 Contention between TRCCNT Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com