công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 451 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 451 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 447Page - Renesas Technology Corp H8S/20103 Datasheet HTML 448Page - Renesas Technology Corp H8S/20103 Datasheet HTML 449Page - Renesas Technology Corp H8S/20103 Datasheet HTML 450Page - Renesas Technology Corp H8S/20103 Datasheet HTML 451Page - Renesas Technology Corp H8S/20103 Datasheet HTML 452Page - Renesas Technology Corp H8S/20103 Datasheet HTML 453Page - Renesas Technology Corp H8S/20103 Datasheet HTML 454Page - Renesas Technology Corp H8S/20103 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 425 of 962
REJ09B0465-0100
14.3
Operation
14.3.1
Timer Mode
The internal clock pulses or timer RA underflows are counted as a count source in timer mode.
When an underflow occurs on the timer RB counter, the value of TRBPR is reloaded and counting
is continued. TRBOCR and TRBSC are not used in timer mode. A count source is selected with
the TCK[2:0] bits in TRBMR.
(1) Starting and Stopping Operation
Writing the value 1 to the TSTART bit in TRBCR starts counting; writing the value 0 to the
TSTART bit stops the counting.
(2) Forced Termination of Operation
Writing 1 to the TSTOP bit in TRBCR stops the counting forcedly. When the counting is forcedly
stopped, the timer RB counter, the prescaler counter, and any associated flags are initialized.
(3) Interrupt Request
An interrupt request is generated on the underflow of the timer RB counter.
(4) Reading and Writing Count Value
Reading TRBPRE and TRBTR reads count values from each register.
If a write is performed to TRBPRE or TRBTR when the counting is stopped, a specified value is
written to both the reload register and the counter.
If a write is performed to TRBPRE during counting when TWRC in TRBMR is 0, first a set value
is written to the reload register, and the set value is then transferred to the prescaler counter in
synchronization with the count source. If a write is performed to TRBPR, a set value is written to
the reload register in synchronization with the underflow of the prescaler after four cycles of the
count source of the prescaler, and the set value is transferred to the timer counter in
synchronization with the next underflow of the prescaler.
For this reason, if a write is performed to TRBPRE or TRBPR during counting when TWRC is 1,
the value is written only to the reload register. Loading to the counter is performed in
synchronization with the underflow of the prescaler or timer counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com