| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3026F bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3026F bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp |
|
28 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxviii of xxxviii Figure 12.3 Phase Relationship between Output Clock and Serial Data (Asynchronous Mode) ......................................................................................... 385 Figure 12.4 Sample Flowchart for SCI Initialization .............................................................. 386 Figure 12.5 Sample Flowchart for Transmitting Serial Data .................................................. 387 Figure 12.6 Example of SCI Transmit Operation in Asynchronous Mode (8-Bit Data with Parity and One Stop Bit)........................................................... 388 Figure 12.7 Sample Flowchart for Receiving Serial Data....................................................... 389 Figure 12.8 Example of SCI Receive Operation (8-Bit Data with Parity and One Stop Bit).. 392 Figure 12.9 Example of Communication among Processors using Multiprocessor Format (Sending Data H'AA to Receiving Processor A) ................................................. 393 Figure 12.10 Sample Flowchart for Transmitting Multiprocessor Serial Data ......................... 394 Figure 12.11 Example of SCI Transmit Operation (8-Bit Data with Multiprocessor Bit and One Stop Bit) ...................................... 395 Figure 12.12 Sample Flowchart for Receiving Multiprocessor Serial Data.............................. 396 Figure 12.13 Example of SCI Receive Operation (8-Bit Data with Multiprocessor Bit and One Stop Bit) ...................................... 398 Figure 12.14 Data Format in Synchronous Communication..................................................... 399 Figure 12.15 Sample Flowchart for SCI Initialization .............................................................. 401 Figure 12.16 Sample Flowchart for Serial Transmitting........................................................... 402 Figure 12.17 Example of SCI Transmit Operation ................................................................... 403 Figure 12.18 Sample Flowchart for Serial Receiving ............................................................... 404 Figure 12.19 Example of SCI Receive Operation..................................................................... 406 Figure 12.20 Sample Flowchart for Simultaneous Serial Transmitting and Receiving ............ 407 Figure 12.21 Receive Data Sampling Timing in Asynchronous Mode..................................... 410 Figure 12.22 Example of Synchronous Transmission............................................................... 411 Figure 12.23 Operation when Switching from SCK Pin Function to Port Pin Function........... 412 Figure 12.24 Operation when Switching from SCK Pin Function to Port Pin Function (Example of Preventing Low-Level Output) ....................................................... 413 Section 13 Smart Card Interface Figure 13.1 Block Diagram of Smart Card Interface .............................................................. 416 Figure 13.2 Smart Card Interface Connection Diagram.......................................................... 424 Figure 13.3 Smart Card Interface Data Format....................................................................... 425 Figure 13.4 Timing of TEND Flag Setting ............................................................................. 431 Figure 13.5 Sample Transmission Processing Flowchart........................................................ 432 Figure 13.6 Relation Between Transmit Operation and Internal Registers............................. 433 Figure 13.7 Timing of TEND Flag Setting ............................................................................. 433 Figure 13.8 Sample Reception Processing Flowchart............................................................. 434 Figure 13.9 Timing for Fixing Cock Output ........................................................................... 435 Figure 13.10 Procedure for Stopping and Restarting the Clock................................................ 436 Figure 13.11 Receive Data Sampling Timing in Smart Card Interface Mode .......................... 437 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |