công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3024F bảng dữ liệu(PDF) 189 Page - Renesas Technology Corp

tên linh kiện H8/3024F
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F bảng dữ liệu(HTML) 189 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 185Page - Renesas Technology Corp H8/3024F Datasheet HTML 186Page - Renesas Technology Corp H8/3024F Datasheet HTML 187Page - Renesas Technology Corp H8/3024F Datasheet HTML 188Page - Renesas Technology Corp H8/3024F Datasheet HTML 189Page - Renesas Technology Corp H8/3024F Datasheet HTML 190Page - Renesas Technology Corp H8/3024F Datasheet HTML 191Page - Renesas Technology Corp H8/3024F Datasheet HTML 192Page - Renesas Technology Corp H8/3024F Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 151 of 800
REJ09B0260-0200
Section 7 I/O Ports
7.1
Overview
The H8/3024 Group has 10 input/output ports (ports 1, 2, 3, 4, 5, 6, 8, 9, A, and B) and one input-
only port (port 7). Table 7.1 summarizes the port functions. The pins in each port are multiplexed
as shown in table 7.1.
Each port has a data direction register (DDR) for selecting input or output, and a data register
(DR) for storing output data. In addition to these registers, ports 2, 4, and 5 have an input pull-up
control register (PCR) for switching input pull-up transistors on and off.
Ports 1 to 6 and port 8 can drive one TTL load and a 90-pF capacitive load. Ports 9, A, and B can
drive one TTL load and a 30-pF capacitive load. Ports 1 to 6 and 8 to B can drive a darlington
pair. Ports 1, 2, and 5 can drive LEDs (with 10-mA current sink). Pins P82 to P80, PA7 to PA0 have
Schmitt-trigger input circuits.
For block diagrams of the ports see appendix C, I/O Port Block Diagrams.
Table 7.1
Port Functions
Expanded Modes
Single-Chip
Modes
Port
Description
Pins
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Mode 6
Mode 7
Port 1 • 8-bit I/O
port
•Can drive
LEDs
P17 to P10/
A7 to A0
Address output pins (A7 to A0)
Address output
(A7 to A0) and
generic input
DDR = 0:
generic input
DDR = 1:
address output
Generic input/
output
Port 2 • 8-bit I/O
port
• Built-in
input
pull-up
transistors
•Can drive
LEDs
P27 to P20/
A15 to A8
Address output pins (A15 to A8)
Address output
(A15 to A8) and
generic input
DDR = 0:
generic input
DDR = 1:
address output
Generic input/
output
Port 3 • 8-bit I/O
port
P37 to P30/
D15 to D8
Data input/output (D15 to D8)
Generic input/
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com