| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3024F bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3024F bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp |
|
67 / 841 page ![]() Section 2 CPU Rev. 2.00 Sep 20, 2005 page 29 of 800 REJ09B0260-0200 2.6 Instruction Set 2.6.1 Instruction Set Overview The H8/300H CPU has 64 types of instructions, which are classified in table 2.1. Table 2.1 Instruction Classification Function Instruction Types Data transfer MOV, PUSH* 1, POP*1, MOVTPE*2, MOVFPE*2 5 Arithmetic operations ADD, SUB, ADDX, SUBX, INC, DEC, ADDS, SUBS, DAA, DAS, MULXU, MULXS, DIVXU, DIVXS, CMP, NEG, EXTS, EXTU 18 Logic operations AND, OR, XOR, NOT 4 Shift operations SHAL, SHAR, SHLL, SHLR, ROTL, ROTR, ROTXL, ROTXR 8 Bit manipulation BSET, BCLR, BNOT, BTST, BAND, BIAND, BOR, BIOR, BXOR, BIXOR, BLD, BILD, BST, BIST 14 Branch Bcc* 3, JMP, BSR, JSR, RTS 5 System control TRAPA, RTE, SLEEP, LDC, STC, ANDC, ORC, XORC, NOP 9 Block data transfer EEPMOV 1 Total 64 types Notes: 1. POP.W Rn is identical to MOV.W @SP+, Rn. PUSH.W Rn is identical to MOV.W Rn, @–SP. POP.L ERn is identical to MOV.L @SP+, Rn. PUSH.L ERn is identical to MOV.L Rn, @–SP. 2. Not available in the H8/3024 Group. 3. Bcc is a generic branching instruction. |