công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3024F bảng dữ liệu(PDF) 169 Page - Renesas Technology Corp

tên linh kiện H8/3024F
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F bảng dữ liệu(HTML) 169 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 165Page - Renesas Technology Corp H8/3024F Datasheet HTML 166Page - Renesas Technology Corp H8/3024F Datasheet HTML 167Page - Renesas Technology Corp H8/3024F Datasheet HTML 168Page - Renesas Technology Corp H8/3024F Datasheet HTML 169Page - Renesas Technology Corp H8/3024F Datasheet HTML 170Page - Renesas Technology Corp H8/3024F Datasheet HTML 171Page - Renesas Technology Corp H8/3024F Datasheet HTML 172Page - Renesas Technology Corp H8/3024F Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 131 of 800
REJ09B0260-0200
6.4
Basic Bus Interface
6.4.1
Overview
The basic bus interface enables direct connection of ROM, SRAM, and so on.
The bus specifications can be selected with ABWCR, ASTCR, WCRH, and WCRL
(see table 6.3).
6.4.2
Data Size and Data Alignment
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus
controller has a data alignment function, and when accessing external space, controls whether the
upper data bus (D15 to D8) or lower data bus (D7 to D0) is used according to the bus specifications
for the area being accessed (8-bit access area or 16-bit access area) and the data size.
8-Bit Access Areas: Figure 6.6 illustrates data alignment control for 8-bit access space. With 8-
bit access space, the upper data bus (D15 to D8) is always used for accesses. The amount of data
that can be accessed at one time is one byte: a word access is performed as two byte accesses, and
a longword access, as four byte accesses.
D15
D8 D7
D0
Upper data bus
Lower data bus
1st bus cycle
2nd bus cycle
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
Byte size
Word size
Longword size
Figure 6.6 Access Sizes and Data Alignment Control (8-Bit Access Area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com