công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3024F bảng dữ liệu(PDF) 149 Page - Renesas Technology Corp

tên linh kiện H8/3024F
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F bảng dữ liệu(HTML) 149 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 145Page - Renesas Technology Corp H8/3024F Datasheet HTML 146Page - Renesas Technology Corp H8/3024F Datasheet HTML 147Page - Renesas Technology Corp H8/3024F Datasheet HTML 148Page - Renesas Technology Corp H8/3024F Datasheet HTML 149Page - Renesas Technology Corp H8/3024F Datasheet HTML 150Page - Renesas Technology Corp H8/3024F Datasheet HTML 151Page - Renesas Technology Corp H8/3024F Datasheet HTML 152Page - Renesas Technology Corp H8/3024F Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 111 of 800
REJ09B0260-0200
6.1.3
Pin Configuration
Table 6.1 summarizes the input/output pins of the bus controller.
Table 6.1
Bus Controller Pins
Name
Abbreviation
I/O
Function
Chip select 0 to 7
CS0 to CS7
Output
Strobe signals selecting areas 0 to 7
Address strobe
AS
Output
Strobe signal indicating valid address output
on the address bus
Read
RD
Output
Strobe signal indicating reading from the
external address space
High write
HWR
Output
Strobe signal indicating writing to the external
address space, with valid data on the upper
data bus (D15 to D8)
Low write
LWR
Output
Strobe signal indicating writing to the external
address space, with valid data on the lower
data bus (D7 to D0)
Wait
WAIT
Input
Wait request signal for access to external
three-state access areas
Bus request
BREQ
Input
Request signal for releasing the bus to an
external device
Bus acknowledge
BACK
Output
Acknowledge signal indicating release of the
bus to an external device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com