công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3024F bảng dữ liệu(PDF) 134 Page - Renesas Technology Corp

tên linh kiện H8/3024F
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F bảng dữ liệu(HTML) 134 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 130Page - Renesas Technology Corp H8/3024F Datasheet HTML 131Page - Renesas Technology Corp H8/3024F Datasheet HTML 132Page - Renesas Technology Corp H8/3024F Datasheet HTML 133Page - Renesas Technology Corp H8/3024F Datasheet HTML 134Page - Renesas Technology Corp H8/3024F Datasheet HTML 135Page - Renesas Technology Corp H8/3024F Datasheet HTML 136Page - Renesas Technology Corp H8/3024F Datasheet HTML 137Page - Renesas Technology Corp H8/3024F Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 841 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Sep 20, 2005 page 96 of 800
REJ09B0260-0200
Figure 5.3 shows the timing of the setting of the interrupt flags (IRQnF).
φ
IRQn
IRQnF
input pin
Note: n = 5 to 0
Figure 5.3 Timing of Setting of IRQnF
Interrupts IRQ0 to IRQ5 have vector numbers 12 to 17. These interrupts are detected regardless of
whether the corresponding pin is set for input or output. When using a pin for external interrupt
input, clear its DDR bit to 0 and do not use the pin for chip select output, SCI input/output, or A/D
external trigger input.
5.3.2
Internal Interrupts
Twenty-Seven internal interrupts are requested from the on-chip supporting modules.
• Each on-chip supporting module has status flags for indicating interrupt status, and enable bits
for enabling or disabling interrupts.
• Interrupt priority levels can be assigned in IPRA and IPRB.
5.3.3
Interrupt Exception Handling Vector Table
Table 5.3 lists the interrupt exception handling sources, their vector addresses, and their default
priority order. In the default priority order, smaller vector numbers have higher priority. The
priority of interrupts other than NMI can be changed in IPRA and IPRB. The priority order after a
reset is the default order shown in table 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com