| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 211 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 211 Page - Renesas Technology Corp |
|
211 / 1504 page ![]() Section 8 User Break Controller (UBC) Rev. 2.00 Sep. 24, 2008 Page 179 of 1468 REJ09B0412-0200 8.4.3 Condition Match Flag Condition match flags are set when the break conditions match. The condition match flags of the UBC are listed in table 8.2. Table 8.2 List of Condition Match Flags Register Flag Bit Source BRCRA CMFCPA (bit 13) Indicates that the condition matches in the CPU cycle for channel A BRCRB CMFCPB (bit 13) Indicates that the condition matches in the CPU cycle for channel B BRCRC CMFCPC (bit 13) Indicates that the condition matches in the CPU cycle for channel C BRCRD CMFCPD (bit 13) Indicates that the condition matches in the CPU cycle for channel D |