| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 168 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 168 Page - Renesas Technology Corp |
|
168 / 1504 page ![]() Section 7 Interrupt Controller Rev. 2.00 Sep. 24, 2008 Page 136 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Description 10 9 8 IPR10 IPR9 IPR8 1 1 1 R/W R/W R/W Sets the priority level of the corresponding interrupt source. 000: Priority level 0 (lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (highest) 7 0 R Reserved This is a read-only bit and cannot be modified. 6 5 4 IPR6 IPR5 IPR4 1 1 1 R/W R/W R/W Sets the priority level of the corresponding interrupt source. 000: Priority level 0 (lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (highest) 3 0 R Reserved This is a read-only bit and cannot be modified. 2 1 0 IPR2 IPR1 IPR0 1 1 1 R/W R/W R/W Sets the priority level of the corresponding interrupt source. 000: Priority level 0 (lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (highest) |