| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 1462 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 1462 Page - Renesas Technology Corp |
|
1462 / 1504 page ![]() Appendix Rev. 2.00 Sep. 24, 2008 Page 1430 of 1468 REJ09B0412-0200 D. Treatment of Unused Pins The treatments of unused pins are listed in table D.1 Table D.1 Treatment of Unused Pins Pin Name Mode 4 Mode 5 Mode 6 Modes 3, 7 RES • Connect this pin to Vcc via a pull-up resistor STBY • Connect this pin to Vcc via a pull-up resistor EMLE • Connect this pin to Vss via a pull-down resistor MD_CLK (Always used as mode pins) MD3 to MD0 (Always used as mode pins) NMI • Connect this pin to Vcc via a pull-down resistor EXTAL (Always used as a clock pin) XTAL • Leave this pin open OSC1 • Connect this pin to Vcc via a pull-up resistor OSC2 • Leave this pin open WDTOVF • Leave this pin open USD + • Leave this pin open USD − • Leave this pin open VBUS • Leave this pin open Port 1 Port 2 Port 3 Port 6 PA2 to PA0 PB7 to PB1 Port C PF7 to PF5 Port J Port K Port M • Connect these pins to Vcc via a pull-up resistor or to Vss via a pull-down resistor, respectively Port 5 • Connect these pins to AVcc via a pull-up resistor or to AVss via a pull-down resistor, respectively |