| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 136 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 136 Page - Renesas Technology Corp |
|
136 / 1504 page ![]() Section 4 Resets Rev. 2.00 Sep. 24, 2008 Page 104 of 1468 REJ09B0412-0200 4.9 Determination of Reset Generation Source Reading RSTCSR, RSTSR, or LVDCR* of the voltage-detection circuit determines which reset was used to execute the reset exception handling. Figure 4.2 shows an example of the flow to identify a reset generation source. Note * Supported only by the H8SX/1668M Group. No Pin reset No No Yes LVDCR.LVDE=1 & LVDCR.LCDRI=0 & RSTSR.LVDF=1 Yes RSTSR. PORF=1 Power-on reset * Reset exception handling RSTCSR.RSTE=1 and RSTCSR.WOVF=1 No Yes Yes RSTSR. DPSRSTF=1 Deep software standby reset Watchdog timer reset Voltage monitoring reset * Note: * Supported only by the H8SX/1668M Group. Figure 4.3 Example of Reset Generation Source Determination Flow |