| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 1300 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 1300 Page - Renesas Technology Corp |
|
1300 / 1504 page ![]() Section 28 Power-Down Modes Rev. 2.00 Sep. 24, 2008 Page 1268 of 1468 REJ09B0412-0200 Clock oscillation and internal power supply start as soon as the signal on the RES pin is driven low. At the same time, clock signals are supplied to the LSI. In this case, the RES pin has to be held low until the clock oscillation has become stable. Once the signal on the RES pin is driven high, the CPU starts reset exception handling. 5. Exit from deep software standby mode by the signal on the STBY pin When the STBY pin is driven low, a transition is made to hardware standby mode. Note: * Supported only by the H8SX/1668M Group. |