| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 1278 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 1278 Page - Renesas Technology Corp |
|
1278 / 1504 page ![]() Section 28 Power-Down Modes Rev. 2.00 Sep. 24, 2008 Page 1246 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Module 7 6 MSTPC7 MSTPC6 0 0 R/W R/W With 56 Kbytes of on-chip RAM: On-chip RAM 6 (H'FEE000 to H'FEFFFF) With 40 Kbytes of on-chip RAM: Reserved Always set the MSTPC7 and MSTPC6 bits to the same value. 5 4 MSTPC5 MSTPC4 0 0 R/W R/W With 56 Kbytes of on-chip RAM: On-chip RAM 5, 4 (H'FF0000 to H'FF3FFF) With 40 Kbytes of on-chip RAM: On-chip RAM 4 (H'FF2000 to H'FF3FFF) Always set the MSTPC5 and MSTPC4 bits to the same value. 3 2 MSTPC3 MSTPC2 0 0 R/W R/W On-chip RAM_3, 2 (H'FF4000 to H'FF7FFF) Always set the MSTPC3 and MSTPC2 bits to the same value. 1 0 MSTPC1 MSTPC0 0 0 R/W R/W On-chip RAM_1, 0 (H'FF8000 to H'FFBFFF) Always set the MSTPC1 and MSTPC0 bits to the same value. 28.2.4 Deep Standby Control Register (DPSBYCR) DPSBYCR controls deep software standby mode. DPSBYCR is not initialized by the internal reset signal upon exit from deep software standby mode. Bit Bit name Initial value: R/W: 7 DPSBY 0 R/W 6 IOKEEP 0 R/W 5 RAMCUT2 0 R/W 4 RAMCUT1 0 R/W 3 0 R/W 2 0 R/W 1 0 R/W 0 RAMCUT0 1 R/W |