| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 122 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 122 Page - Renesas Technology Corp |
|
122 / 1504 page ![]() Section 3 MCU Operating Modes Rev. 2.00 Sep. 24, 2008 Page 90 of 1468 REJ09B0412-0200 External address space/ reserved area *1*3 External address space/ reserved area *1*3 External address space/ reserved area*1*3 External address space/ reserved area*1*3 Access prohibited area On-chip ROM On-chip RAM *2 On-chip I/O registers On-chip I/O registers H'000000 H'080000 H'FF2000 H'FFC000 H'FD9000 H'FDC000 H'FFEA00 H'FFFF00 H'FFFF20 H'FFFFFF Reserved area *3 Reserved area *3 Reserved area *3 H'FEC000 External address space/ reserved area *1*3 External address space/ reserved area *1*3 External address space/ reserved area*1*3 External address space/ reserved area*1*3 Access prohibited area Access prohibited area Access prohibited area On-chip ROM On-chip I/O registers On-chip I/O registers H'100000 H'000000 H'080000 H'FF2000 H'FFC000 H'FD9000 H'FDC000 H'FFEA00 H'FFFF00 H'FFFF20 H'FFFFFF H'FEC000 H'100000 External address space External address space External address space External address space Access prohibited area On-chip RAM/ External address space *4 On-chip RAM/ External address space *4 On-chip I/O registers On-chip I/O registers H'000000 H'FF2000 H'FFC000 H'FD9000 H'FDC000 H'FEC000 H'FFEA00 H'FFFF00 H'FFFF20 H'FFFFFF This area is specified as the external address space when EXPE = 1 and the reserved area when EXPE = 0. The on-chip RAM is used for flash memory programming. Do not clear the RAME bit in SYSCR to 0. Do not access the reserved areas. This area is specified as the external address space by clearing the RAME bit in SYSCR to 0. 1. 2. 3. 4. Notes: Modes 1 and 2 User boot mode, boot mode (Advanced mode) Modes 3 and 7 Boundary scan enabled single-chip mode, single-chip mode (Advanced mode) Modes 4 and 5 On-chip ROM disabled extended mode (Advanced mode) Figure 3.2 Address Map in Each Operating Mode of H8SX/1664R and H8SX/1664M (1) |