| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 1160 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 1160 Page - Renesas Technology Corp |
|
1160 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1128 of 1468 REJ09B0412-0200 (3) Flash Pass and Fail Parameter (FPFR: General Register R0L of CPU) FPFR indicates the return values of the initialization, programming, and erasure results. The meaning of the bits in FPFR varies depending on the processing. (a) Initialization before Programming/Erasure FPFR indicates the return value of the initialization result. 7 6 5 4 3 0 SF 2 1 FQ Bit Bit Name Bit Bit Name Initial Value R/W Description 7 to 2 Unused These bits return 0. 1 FQ R/W Frequency Error Detect Compares the specified CPU operating frequency with the operating frequencies supported by this LSI, and returns the result. 0: Setting of operating frequency is normal 1: Setting of operating frequency is abnormal 0 SF R/W Success/Fail Returns the initialization result. 0: Initialization has ended normally (no error) 1: Initialization has ended abnormally (error occurs) |