| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 1094 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 1094 Page - Renesas Technology Corp |
|
1094 / 1504 page ![]() Section 21 I 2C Bus Interface 2 (IIC2) Rev. 2.00 Sep. 24, 2008 Page 1062 of 1468 REJ09B0412-0200 TDRE = 1? Yes Yes No No No [1] [4] [5] [6] [7] [8] [9] [2] [3] Yes TEND = 1? [1] Clear the AAS flag. [2] Set the transmit data for ICDRT (except the last byte). [3] Wait for ICDRT empty. [4] Set the last byte of transmit data. [5] Wait for the last byte of data to be transmitted. [6] Clear the TEND flag. [7] Set to slave receive mode. [8] Dummy read ICDRR to free the SCL line. [9] Clear the TDRE flag. Slave transmit mode Clear AAS in ICSR Write the transmit data to ICDRT Read TRD in ICSR Last byte? Write the transmit data to ICDRT Read TEND in ICSR Clear TEND in ICSR Set TRS = 0 (ICCRA) Dummy read ICDRR Clear TDRE in ICSR End Figure 21.16 Sample Flowchart for Slave Transmit Mode |