| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 998 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 998 Page - Renesas Technology Corp |
|
998 / 1504 page ![]() Section 20 USB Function Module (USB) Rev. 2.00 Sep. 24, 2008 Page 966 of 1468 REJ09B0412-0200 Figure 20.1 shows the block diagram of the USB. Peripheral bus Interrupt requests Status and control registers FIFO UDC Transceiver USB function module D+ D- Clock for USB (48 MHz) UDC: USB device controller [Legend] Figure 20.1 Block Diagram of USB 20.2 Input/Output Pins Table 20.1 shows the USB pin configuration. Table 20.1 Pin Configuration Pin Name I/O Function VBUS Input USB cable connection monitor pin USD+ I/O USB data I/O pin USD- I/O USB data I/O pin DrVcc Input Power supply pin for USB on-chip transceiver DrVss Input Ground pin for USB on-chip transceiver |