| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 904 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 904 Page - Renesas Technology Corp |
|
904 / 1504 page ![]() Section 19 Serial Communication Interface (SCI, IrDA, CRC) Rev. 2.00 Sep. 24, 2008 Page 872 of 1468 REJ09B0412-0200 19.2 Input/Output Pins Table 19.2 lists the pin configuration of the SCI. Table 19.2 Pin Configuration Channel Pin Name* I/O Function SCK0 I/O Channel 0 clock input/output RxD0 Input Channel 0 receive data input 0 TxD0 Output Channel 0 transmit data output SCK1 I/O Channel 1 clock input/output RxD1 Input Channel 1 receive data input 1 TxD1 Output Channel 1 transmit data output SCK2 I/O Channel 2 clock input/output RxD2 Input Channel 2 receive data input 2 TxD2 Output Channel 2 transmit data output SCK4 I/O Channel 4 clock input/output RxD4 Input Channel 4 receive data input 4 TxD4 Output Channel 4 transmit data output RxD5/IrRxD Input Channel 5 receive data input 5 TxD5/IrTxD Output Channel 5 transmit data output RxD6 Input Channel 6 receive data input 6 TxD6 Output Channel 6 transmit data output Note: * Pin names SCK, RxD, and TxD are used in the text for all channels, omitting the channel designation. |