| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 649 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 649 Page - Renesas Technology Corp |
|
649 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 617 of 1468 REJ09B0412-0200 (7) P21/PO1/TIOCA3/TMCI0/RxD0/ IRQ9-A The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P21DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCA3_OE PO1_OE P21DDR TPU TIOCA3 output 1 PPG PO1 output 0 1 P21 output 0 0 1 I/O port P21 input (initial value) 0 0 0 (8) P20/PO0/TIOCA3/TIOCB3/TMRI0/SCK0/ IRQ8-A The pin function is switched as shown below according to the combination of the TPU, PPG, and SCI register settings and P20DDR bit setting. Setting TPU SCI PPG I/O Port Module Name Pin Function TIOCB3_OE SCK0_OE PO0_OE P20DDR TPU TIOCB3 output 1 SCI SCK0 output 0 1 PPG PO0 output 0 0 1 P20 output 0 0 0 1 I/O port P20 input (initial value) 0 0 0 0 |