| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 633 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 633 Page - Renesas Technology Corp |
|
633 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 601 of 1468 REJ09B0412-0200 Function Port Description Bit I/O Input Output Schmitt -Trigger Input* 1 Input Pull-up MOS Function Open- Drain Output Function 7 PH7/D7* 2 6 PH6/D6* 2 5 PH5/D5* 2 4 PH4/D4* 2 3 PH3/D3* 2 2 PH2/D2* 2 1 PH1/D1* 2 Port H General I/O port also functioning as bi-directional data bus 0 PH0/D0* 2 O 7 PI7/D15* 2 6 PI6/D14* 2 5 PI5/D13* 2 4 PI4/D12* 2 3 PI3/D11* 2 2 PI2/D10* 2 1 PI1/D9* 2 Port I General I/O port also functioning as bi-directional data bus 0 PI0/D8* 2 O 7 PJ7/TIOCB8 TIOCA8/ TCLKH PO23 6 PJ6/TIOCA8 PO22 5 PJ5/TIOCB7 TIOCA7/ TCLKG PO21 4 PJ4/TIOCA7 PO20 3 PJ3/TIOCD6 TIOCC6/ TCLKF PO19 2 PJ2/TIOCC6 TCLKE PO18 1 PJ1/TIOCB6 TIOCA6 PO17 Port J* 4 General I/O port also functioning as PPG and TPU I/O 0 PJ0/TIOCA6 PO16 All input function O |