| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 593 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 593 Page - Renesas Technology Corp |
|
593 / 1504 page ![]() Section 12 Data Transfer Controller (DTC) Rev. 2.00 Sep. 24, 2008 Page 561 of 1468 REJ09B0412-0200 12.2 Register Descriptions DTC has the following registers. • DTC mode register A (MRA) • DTC mode register B (MRB) • DTC source address register (SAR) • DTC destination address register (DAR) • DTC transfer count register A (CRA) • DTC transfer count register B (CRB) These six registers MRA, MRB, SAR, DAR, CRA, and CRB cannot be directly accessed by the CPU. The contents of these registers are stored in the data area as transfer information. When a DTC activation request occurs, the DTC reads a start address of transfer information that is stored in the data area according to the vector address, reads the transfer information, and transfers data. After the data transfer, it writes a set of updated transfer information back to the data area. • DTC enable registers A to F (DTCERA to DTCERF) • DTC control register (DTCCR) • DTC vector base register (DTCVBR) |