| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 444 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 444 Page - Renesas Technology Corp |
|
444 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 412 of 1468 REJ09B0412-0200 Table 10.5 List of On-chip module interrupts to DMAC On-Chip Module Interrupt Source On-Chip Module DMRSR (Vector Number) ADI0 (conversion end interrupt for A/D_0 converter unit 0) A/D_0 86 TGI0A (TGI0A input capture/compare match) TPU_0 88 TGI1A (TGI1A input capture/compare match) TPU_1 93 TGI2A (TGI2A input capture/compare match) TPU_2 97 TGI3A (TGI3A input capture/compare match) TPU_3 101 TGI4A (TGI4A input capture/compare match) TPU_4 106 TGI5A (TGI5A input capture/compare match) TPU_5 110 RXI0 (receive data full interrupt for SCI channel 0) SCI_0 145 TXI0 (transmit data empty interrupt for SCI channel 0) SCI_0 146 RXI1 (receive data full interrupt for SCI channel 1) SCI_1 149 TXI1 (transmit data empty interrupt for SCI channel 1) SCI_1 150 RXI2 (receive data full interrupt for SCI channel 2) SCI_2 153 TXI2 (transmit data empty interrupt for SCI channel 2) SCI_2 154 RXI4 (receive data full interrupt for SCI channel 4) SCI_4 161 TXI4 (transmit data empty interrupt for SCI channel 4) SCI_4 162 TGI6A (TGI6A input capture/compare match) TPU_6 164 TGI7A (TGI7A input capture/compare match) TPU_7 169 TGI8A (TGI8A input capture/compare match) TPU_8 173 TGI9A (TGI9A input capture/compare match) TPU_9 177 TGI10A (TGI10A input capture/compare match) TPU_10 182 TGI11A (TGI11A input capture/compare match) TPU_11 188 RXI5 (receive data full interrupt for SCI channel 5) SCI_5 220 TXI5 (transmit data empty interrupt for SCI channel 5) SCI_5 221 RXI6 (receive data full interrupt for SCI channel 6) SCI_6 224 TXI6 (transmit data empty interrupt for SCI channel 6) SCI_6 225 USBINTN0 (EP1FIFO full interrupt) USB 232 USBINTN1 (EP2FIFO empty interrupt) USB 233 ADI1 (conversion end interrupt for A/D converter unit 1) A/D_1 237 |