| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 361 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 361 Page - Renesas Technology Corp |
|
361 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 329 of 1468 REJ09B0412-0200 The time between the PALL or PRE command and the subsequent REF command can be changed by wait cycle insertion. The number of wait cycles is selected from one to three cycles by bits TPC1 and TPC0 in DRACCR. Set the bit according to the SDRAM to be used and the frequency of this LSI so that the number of wait cycles can be optimal. Figure 9.77 shows a timing example when the one wait cycles are inserted. TR p1 TR p2 TR r TR c1 TR c2 CS Precharge-sel RAS CAS WE CKE PALL REF NOP NOP BS RD/ WR High High High Address bus SDRAM φ Figure 9.77 Auto-Refresh Timing (TPC1 = 0, TPC0 = 1) |