| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 334 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 334 Page - Renesas Technology Corp |
|
334 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 302 of 1468 REJ09B0412-0200 Some DRAMs having the self-refresh mode needs longer precharge time of the RAS signal immediately after the self-refresh mode than that in normal operation. From one to seven of precharge cycles immediately after a self-refresh cycle can be inserted. Precharging is also performed according to bits TPC1 and TPC0 in DRACCR. Set the precharge time so that the precharge time immediately after a self-refresh cycle is optimal. Figure 9.57 shows a timing example when one precharge cycle is added. T p T r T c1 T c2 TRp1 TRc4 TRc3 Address bus Software standby DRAM space write B φ RD OE Data bus RAS LUCAS LLCAS WE BS RD/ WR High High High Figure 9.57 Timing Example when 1 Precharge Cycle Added |