công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2463 bảng dữ liệu(PDF) 426 Page - Renesas Technology Corp

tên linh kiện H8S/2463
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2463 bảng dữ liệu(HTML) 426 Page - Renesas Technology Corp

Back Button H8S/2463 Datasheet HTML 422Page - Renesas Technology Corp H8S/2463 Datasheet HTML 423Page - Renesas Technology Corp H8S/2463 Datasheet HTML 424Page - Renesas Technology Corp H8S/2463 Datasheet HTML 425Page - Renesas Technology Corp H8S/2463 Datasheet HTML 426Page - Renesas Technology Corp H8S/2463 Datasheet HTML 427Page - Renesas Technology Corp H8S/2463 Datasheet HTML 428Page - Renesas Technology Corp H8S/2463 Datasheet HTML 429Page - Renesas Technology Corp H8S/2463 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 1250 page
background image
Section 10 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Aug. 20, 2008 Page 378 of 1198
REJ09B0403-0200
10.2.3
Output Compare Registers AR and AF (OCRAR and OCRAF)
OCRAR and OCRAF are 16-bit readable/writable registers. They are accessed when the ICRS bit
in TOCR is set to 1. When the OCRAMS bit in TOCR is set to 1, the operation of OCRA is
changed to include the use of OCRAR and OCRAF. The contents of OCRAR and OCRAF are
automatically added alternately to OCRA, and the result is written to OCRA. The write operation
is performed on the occurrence of compare-match A. In the 1st compare-match A after setting the
OCRAMS bit to 1, OCRAF is added. The operation due to compare-match A varies according to
whether the compare-match follows addition of OCRAR or OCRAF.
When using the OCRA automatic addition function, do not select internal clock
φ/2 as the FRC
input clock together with a set value of H'0001 or less for OCRAR (or OCRAF).
OCRAR and OCRAF should always be accessed in 16-bit units; cannot be accessed in 8-bit units.
OCRAR and OCRAF are initialized to H'FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com