công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 686 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 686 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 682Page - Renesas Technology Corp H8S/2472 Datasheet HTML 683Page - Renesas Technology Corp H8S/2472 Datasheet HTML 684Page - Renesas Technology Corp H8S/2472 Datasheet HTML 685Page - Renesas Technology Corp H8S/2472 Datasheet HTML 686Page - Renesas Technology Corp H8S/2472 Datasheet HTML 687Page - Renesas Technology Corp H8S/2472 Datasheet HTML 688Page - Renesas Technology Corp H8S/2472 Datasheet HTML 689Page - Renesas Technology Corp H8S/2472 Datasheet HTML 690Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 638 of 1198
REJ09B0403-0200
Continuous Receive Operation:
Figure 18.20 shows the sample flowchart for the operations in slave receive mode (HNDS = 0).
Slave receive mode
End
Read IRIC in ICCR
Clear IRIC in ICCR
Clear IRIC in ICCR
Read AASX, AAS and ADZ in ICSR
Read TRS in ICCR
Read IRIC in ICCR
Clear IRIC in ICCR
Clear IRIC in ICCR
Read ICDR
Wait for one frame
Read ICDR
Set ACKB = 0 in ICSR
Set ACKB = 1 in ICSR
Set HNDS = 0 in ICXR
General call address processing
* Description omitted
Set MST = 0
and TRS = 0 in ICCR
IRIC = 1?
No
Yes
ICDRF = 1?
Yes
TRS = 1?
IRIC = 1?
ICDRF = 1?
Yes
Yes
No
No
Yes
No
AAS = 1
and ADZ = 1?
No
No
[1] Select slave receive mode.
[2] Read the receive data remaining unread.
[3] to [7] Wait for one byte to be received (slave address + R/
W)
(Set IRIC at the rise of the 9th clock)
[9] Wait for ACKB setting and set acknowledge data
for the last reception
(after the rise of the 9th clock of (n-1)th byte data)
[15] Clear IRIC
[14] Read the last receive data
[8] Clear IRIC
[13] Clear IRIC
[10] Read the receive data. The first read is a dummy read.
[11] Wait for one byte to be received
(Set IRIC at the rise of the 9th clock)
[12] Detect stop condition
Slave transmit mode
Yes
No
No
Read ICDR
No
Yes
ICDRF = 1?
(n-2)th-byte
reception?
ESTP = 1 or
STOP = 1?
* n: Address + total number of bytes received
Clear IRIC in ICCR
Figure 18.20 Sample Flowchart for Operations in Slave Receive Mode (HNDS = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com