công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 685 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 685 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 681Page - Renesas Technology Corp H8S/2472 Datasheet HTML 682Page - Renesas Technology Corp H8S/2472 Datasheet HTML 683Page - Renesas Technology Corp H8S/2472 Datasheet HTML 684Page - Renesas Technology Corp H8S/2472 Datasheet HTML 685Page - Renesas Technology Corp H8S/2472 Datasheet HTML 686Page - Renesas Technology Corp H8S/2472 Datasheet HTML 687Page - Renesas Technology Corp H8S/2472 Datasheet HTML 688Page - Renesas Technology Corp H8S/2472 Datasheet HTML 689Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 637 of 1198
REJ09B0403-0200
SDA
(master output)
SDA
(slave output)
2
1
2
1
4
36
58
79
Bit 7
Bit 6
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ICDRF
IRIC
ICDRS
ICDRR
SCL
(master output)
SCL
(slave output)
Address+R/
W
Address+R/
W
Undefined value
[8] IRIC clear
[10] ICDR read (dummy read)
User processing
2
1
2
1
4
36
58
79
SCL
(Pin waveform)
Start condition generation
Slave address
Data 1
[6]
A
R/
W
[7] SCL is fixed low until ICDR is read
[2] ICDR read
Interrupt
request
occurrence
Figure 18.18 Slave Receive Mode Operation Timing Example (1) (MLS = 0, HNDS= 1)
SDA
(master output)
SDA
(slave output)
2
14
36
58
79
89
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 0
IRIC
ICDRS
ICDRF
ICDRR
Data (n-1)
SCL
(master output)
SCL
(slave output)
[8] IRIC clear
[12] IRIC clear
[9] Set ACKB=1
[10] ICDR read (Data (n-1))
[10] ICDR read
(Data (n))
User processing
Data (n)
Data (n-1)
Data (n-2)
[6]
[6]
[11]
A
A
Stop condition generation
[7] SCL is fixed low until ICDR is read
[7] SCL is fixed low until ICDR is read
Data (n-1)
Data (n)
Data (n)
[8] IRIC clear
Figure 18.19 Slave Receive Mode Operation Timing Example (2) (MLS = 0, HNDS= 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com