công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 678 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 678 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 674Page - Renesas Technology Corp H8S/2472 Datasheet HTML 675Page - Renesas Technology Corp H8S/2472 Datasheet HTML 676Page - Renesas Technology Corp H8S/2472 Datasheet HTML 677Page - Renesas Technology Corp H8S/2472 Datasheet HTML 678Page - Renesas Technology Corp H8S/2472 Datasheet HTML 679Page - Renesas Technology Corp H8S/2472 Datasheet HTML 680Page - Renesas Technology Corp H8S/2472 Datasheet HTML 681Page - Renesas Technology Corp H8S/2472 Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 630 of 1198
REJ09B0403-0200
End
Set HNDS = 0 in ICXR
Set WAIT = 0 in ICMR
Set WAIT = 0 in ICMR
Set ACKB = 0 in ICSR
Set ACKB = 1 in ICSR
Read ICDR
Clear IRIC in ICCR
Clear IRIC in ICCR
Clear IRIC in ICCR
Read IRIC in ICCR
Read ICDR
Read IRIC in ICCR
IRIC = 1?
Yes
No
No
IRIC = 1?
Yes
[1] Select receive mode.
[2] Start receiving. The first read
is a dummy read.
[3] Wait for a receive wait
(Set IRIC at the fall of the 8 th clock)
[15] Clear wait mode.
Clear IRIC.
( IRIC should be cleared to 0
after setting WAIT = 0.)
[14] Clear IRIC.
(to end the wait insertion)
[12] Wait for 1 byte to be received.
(Set IRIC at the rise of the 9th clock)
[9] Set TRS for stop condition issuance
[7] Set acknowledge data for
the last reception.
[16] Read the last receive data
Master receive mode
Set TRS = 0 in ICCR
Set TRS = 1 in ICCR
[17] Generate stop condition
Set BBSY = 0 and
SCP = 0 in ICCR
Figure 18.14 Sample Flowchart for Operations in Master Receive Mode
(receiving a single byte) (WAIT = 1)
The reception procedure and operations using the wait function (WAIT bit), by which data is
sequentially received in synchronization with ICDR (ICDRR) read operations, are described
below.
The following describes the multiple-byte reception procedure. In single-byte reception, some
steps of the following procedure are omitted. At this time, follow the procedure shown in figure
18.14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com