công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 677 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 677 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 673Page - Renesas Technology Corp H8S/2472 Datasheet HTML 674Page - Renesas Technology Corp H8S/2472 Datasheet HTML 675Page - Renesas Technology Corp H8S/2472 Datasheet HTML 676Page - Renesas Technology Corp H8S/2472 Datasheet HTML 677Page - Renesas Technology Corp H8S/2472 Datasheet HTML 678Page - Renesas Technology Corp H8S/2472 Datasheet HTML 679Page - Renesas Technology Corp H8S/2472 Datasheet HTML 680Page - Renesas Technology Corp H8S/2472 Datasheet HTML 681Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 629 of 1198
REJ09B0403-0200
Receive Operation Using the Wait Function:
Figures 18.13 and 18.14 show the sample flowcharts for the operations in master receive mode
(WAIT = 1).
Set TRS = 0 in ICCR
Set ACKB = 0 in ICSR
Set WAIT = 1 in ICMR
Yes
Yes
Yes
Clear IRIC in ICCR
Clear IRIC in ICCR
Read IRIC in ICCR
Last receive?
IRIC = 1?
IRTR = 1?
Yes
IRTR=1?
No
No
No
No
Read IRIC in ICCR
IRIC=1?
No
Yes
Read ICDR
[4] Determine end of reception
[13] Determine end of reception
[1] Select receive mode.
[2] Start receiving. The first read
is a dummy read.
[3] Wait for a receive wait
(Set IRIC at the fall of the 8th clock) or,
Wait for 1 byte to be received
(Set IRIC at the rise of the 9th clock)
[12] Wait for a receive wait
(Set IRIC at the fall of the 8th clock) or,
Wait for 1 byte to be received
(Set IRIC at the rise of the 9th clock)
[5] Read the receive data.
[6] Clear IRIC.
(to end the wait insertion)
[15] Clear wait mode.
Clear IRIC.
( IRIC should be cleared to 0
after setting WAIT = 0.)
[17] Generate stop condition
Master receive mode
[14] Clear IRIC.
(to end the wait insertion)
[16] Read the last receive data.
[7] Set acknowledge data for the last reception.
[8] Wait for TRS setting
[9] Set TRS for stop condition issuance
[10] Read the receive data.
[11] Clear IRIC.
Read ICDR
Clear IRIC in ICCR
Set HNDS = 0 in ICXR
Wait for one clock pulse
Set ACKB = 1 in ICSR
Set TRS = 1 in ICCR
End
Set WAIT = 0 in ICMR
Set BBSY= 0 and SCP= 0
in ICCR
Clear IRIC in ICCR
Read ICDR
Clear IRIC in ICCR
Read ICDR
Figure 18.13 Sample Flowchart for Operations in Master Receive Mode
(receiving multiple bytes) (WAIT = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com