công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 446 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 446 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 442Page - Renesas Technology Corp H8S/2472 Datasheet HTML 443Page - Renesas Technology Corp H8S/2472 Datasheet HTML 444Page - Renesas Technology Corp H8S/2472 Datasheet HTML 445Page - Renesas Technology Corp H8S/2472 Datasheet HTML 446Page - Renesas Technology Corp H8S/2472 Datasheet HTML 447Page - Renesas Technology Corp H8S/2472 Datasheet HTML 448Page - Renesas Technology Corp H8S/2472 Datasheet HTML 449Page - Renesas Technology Corp H8S/2472 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 1250 page
background image
Section 11 8-Bit Timer (TMR)
Rev. 2.00 Aug. 20, 2008 Page 398 of 1198
REJ09B0403-0200
11.2.4
Timer Control Register (TCR)
TCR selects the TCNT clock source and the condition by which TCNT is cleared, and
enables/disables interrupt requests.
TCR_Y can be accessed when the TMRX/Y bit in TCONRS is 1. TCR_X can be accessed when
the TMRX/Y bit in TCONRS is 0. See section 11.2.6, Timer Connection Register S (TCONRS).
Bit
Bit Name
Initial
Value
R/W
Description
7
CMIEB
0
R/W
Compare-Match Interrupt Enable B
Selects whether the CMFB interrupt request (CMIB) is
enabled or disabled when the CMFB flag in TCSR is set to
1.
0: CMFB interrupt request (CMIB) is disabled
1: CMFB interrupt request (CMIB) is enabled
6
CMIEA
0
R/W
Compare-Match Interrupt Enable A
Selects whether the CMFA interrupt request (CMIA) is
enabled or disabled when the CMFA flag in TCSR is set to
1.
0: CMFA interrupt request (CMIA) is disabled
1: CMFA interrupt request (CMIA) is enabled
5
OVIE
0
R/W
Timer Overflow Interrupt Enable
Selects whether the OVF interrupt request (OVI) is
enabled or disabled when the OVF flag in TCSR is set to
1.
0: OVF interrupt request (OVI) is disabled
1: OVF interrupt request (OVI) is enabled
4
3
CCLR1
CCLR0
0
0
R/W
R/W
Counter Clear 1 and 0
Specify the clearing conditions of TCNT.
00: Counter clear is disabled
01: Counter clear is enabled on compare-match A
10: Counter clear is enabled on compare-match B
11: Setting prohibited
2 to 0
CKS2 to
CKS0
All 0
R/W
Clock Select 2 to 0
Select the clock input to TCNT and count condition,
together with the ICKS1 and ICKS0 bits in STCR. For
details, see table 11.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com