công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 444 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 444 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 440Page - Renesas Technology Corp H8S/2472 Datasheet HTML 441Page - Renesas Technology Corp H8S/2472 Datasheet HTML 442Page - Renesas Technology Corp H8S/2472 Datasheet HTML 443Page - Renesas Technology Corp H8S/2472 Datasheet HTML 444Page - Renesas Technology Corp H8S/2472 Datasheet HTML 445Page - Renesas Technology Corp H8S/2472 Datasheet HTML 446Page - Renesas Technology Corp H8S/2472 Datasheet HTML 447Page - Renesas Technology Corp H8S/2472 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 1250 page
background image
Section 11 8-Bit Timer (TMR)
Rev. 2.00 Aug. 20, 2008 Page 396 of 1198
REJ09B0403-0200
11.2
Register Descriptions
The TMR has the following registers for each channel. For details on the serial timer control
register, see section 3.2.3, Serial Timer Control Register (STCR).
• Timer counter (TCNT)
• Time constant register A (TCORA)
• Time constant register B (TCORB)
• Timer control register (TCR)
• Timer control/status register (TCSR)
• Timer connection register S (TCONRS)*
Notes:
Some of the registers of TMR_X and TMR_Y use the same address. The registers can
be switched by the TMRX/Y bit in TCONRS.
* TCONRS is only provided for TMR_X
11.2.1
Timer Counter (TCNT)
Each TCNT is an 8-bit readable/writable up-counter. TCNT_0 and TCNT_1 comprise a single 16-
bit register, so they can be accessed together by word access. The clock source is selected by the
CKS2 to CKS0 bits in TCR. TCNT can be cleared by a compare-match A signal or compare-
match B signal. The method of clearing can be selected by the CCLR1 and CCLR0 bits in TCR.
When TCNT overflows (changes from H'FF to H'00), the OVF bit in TCSR is set to 1. TCNT is
initialized to H'00.
TCNT_Y can be accessed when the TMRX/Y bit in TCONRS is 1. TCNT_X can be accessed
when the TMRX/Y bit in TCONRS is 0. See section 11.2.6, Timer Connection Register S
(TCONRS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com