| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38K05F2 bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K05F2 bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 328 page ![]() Rev.2.00 Oct 05, 2006 page 2 of 112 38K0 Group REJ09B0337-0200 HARDWARE DESCRIPTION The 38K0 group is the 8-bit microcomputer based on the 740 fam- ily core technology. The 38K0 group has the USB function, an 8-bit bus interface, a Serial Interface, three 8-bit timers, and an 8-channel 10-bit A/D converter, which are available for the PC peripheral I/O device. The various microcomputers in the 38K0 group include variations of internal memory size and packaging. For details, refer to the section on part numbering. FEATURES •Basic machine-language instructions ....................................... 71 •The minimum instruction execution time .......................... 0.25 µs (at 8 MHz system clock✻) System clock✻: Reference frequency to internal circuit except USB function •Memory size ROM ................................................................ 16 K to 32 K bytes RAM ............................................................... 1024 to 2048 bytes •Programmable input/output ports ............................................. 48 •Software pull-up resistors •Interrupts .................................................. 15 sources, 15 vectors •USB function (Full-Speed USB2.0 specification) ...... 4 endpoints •External bus interface ....................................... 8-bit ✕ 1 channel •Timers ............................................................................. 8-bit ✕ 3 •Watchdog timer ............................................................. 16-bit ✕ 1 •Serial Interface Serial I/O (UART or Clock-synchronized) ...................... 8-bit ✕ 1 •A/D converter ................................................ 10-bit ✕ 8 channels (8-bit reading available) •LED direct drive port ................................................................... 4 •Clock generating circuit (connect to external ceramic resonator or quartz-crystal oscillator) •Power source voltage (L version) System clock/Internal clock division mode At 12 MHz/2-divide mode( φ = 6 MHz) ................... 4.00 to 5.25 V At 8 MHz/Through mode ( φ = 8 MHz) ................... 4.00 to 5.25 V At 6 MHz/Through mode ( φ = 6 MHz) ................... 3.00 to 5.25 V •Power dissipation At 5 V power source voltage .................................. 125 mW (typ.) (at 8 MHz system clock, in through mode) At 3.3 V power source voltage ................................ 30 mW (typ.) (at 6 MHz system clock, in through mode) •Operating temperature range .................................... –20 to 85°C •Packages FP ............................ PLQP0064GA-A (64-pin 14 ✕ 14 mm LQFP) HP ............................ PLQP0064KB-A (64-pin 10 ✕ 10 mm LQFP) Package type : PLQP0064GA-A (64P6U-A)/PLQP0064KB-A (64P6Q-A) Fig. 1 Pin configuration of 38K0 group PIN CONFIGURATION (TOP VIEW) 32 31 30 29 28 26 25 24 23 22 21 20 19 18 17 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 27 64 TrON P23 P22 P21 P20 D0- D0+ USBVREF DVCC PVCC PVSS P10/DQ0/AN0 P06 P07 P40/EXDREQ/RXD P11/DQ1/AN1 P61(LED1) P62(LED2) P63(LED3) P41/EXDACK/TXD P42/EXTC/SCLK P43/EXA1/SRDY P30 P31 P32 P33/EXINT P34/EXCS P35/EXWR P36/EXRD P37/EXA0 P24 P25 M38K07M4L-XXXFP/HP M38K09F8LFP/HP DESCRIPTION/FEATURES/PIN CONFIGURATION |