| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663 bảng dữ liệu(PDF) 278 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 bảng dữ liệu(HTML) 278 Page - Renesas Technology Corp |
|
278 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 226 of 1102 REJ09B0294-0100 When consecutively reading from the same area connected to a peripheral LSI whose data hold time is long, data outputs from the peripheral LSI and this LSI may conflict. Inserting the chip select assertion period extension cycle after the access cycle can avoid the data conflict. Figure 6.36 shows an example of the operation. In the figure, both bus cycles A and B are read access cycles to the address/data multiplexed I/O space. An example of the data conflict is shown in (a), and an example of avoiding the data conflict by the CS assertion period extension cycle in (b). B φ Address bus Data bus Bus cycle A Bus cycle B CS AH RD (a) Without CS assertion period extension cycle (CSXTn = 0) (b) With CS assertion period extension cycle (CSXTn = 1) Data hold time is long. Data conflict B φ Address bus Data bus Bus cycle A Bus cycle B CS AH RD Figure 6.36 Consecutive Read Accesses to Same Area (Address/Data Multiplexed I/O Space) |